Part Number Hot Search : 
BFQ591 SMB11 SF2006C KMT1117 MTP10N15 1209S TSM3454 8903AE
Product Description
Full Text Search
 

To Download UG06A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  50v-200v 0.6a UG06A thru ug06d flammability classification 94v-0 web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com maximum ratings and electrical characteristics mechanical data plastic package has underwriters laboratories ideally suited for use in very high frequency switching power supplies, inverters and as a free wheeling diode ultrafast reverse recovery times for high efficiency soft recovery characteristics excellent high temperature switching glass passivated junction high temperature soldering guaranteed: 250c/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension case: void free molded plastic body over passivated chip terminals: plated axial leads, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any weight: 0.0064 ounce, 0.181 gram ratings at 25c ambient temperature unless otherwise specified. symbols UG06A ug06b ug06c ug06d units maximum repetitive peak reverse voltage v rrm 50 100 150 200 volts maximum rms voltage v rms 35 70 105 140 volts maximum dc blocking voltage v dc 50 100 150 200 volts maximum average forward rectified current 0.375" (9.5mm) lead length at t l =75c i (av) 0.6 amp peak forward surge current 8.3 ms single half sine-wave superimposed i fsm 40.0 amps on rated load (jedec method) at t l =75c maximum instantaneous forward voltage at 0.6a v f 0.95 volts maximum dc reverse current t a =25c 5.0 at rated dc blocking voltage t a =100c i r 100.0 m a maximum reverse recovery time (note 1) t rr 15.0 ns maximum reverse recovery time t j =25c 25.0 (note 2) t j =100c t rr 35.0 ns maximum recovered stored charge t j =25c 8.0 (note 2) t j =100c q rr 20.0 nc typical junction capacitance (note 3) c j 9.0 pf typical thermal resistance (note 4) r q ja 97.0 c/w r q jl 28.0 operating junction and storage temperature range t j , t stg -55 to +150 c notes: (1) reverse recovery test conditions: i f =0.5a, i r =1.0a,i rr =0.25a (2) t rr and q rr measured at i f =0.6a: v r =30v, di/dt=50a/ m s, i rr =10% i rm for meaurement of t rr (3) measured at 1.0 mh z and applied reverse voltage of 4.0 volts (4) thermal resistance from junction to ambient and junction to lead at 0.375" (9.5mm) lead length p.c.b. mounted with 0.2 x 0.2 (5.0 x 5.0mm) copper pads miniature ultrafast efficient plastic rectifier
ratings and characteristic curves UG06A thru ug06d e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 0 25 50 75 100 125 150 175 0 0.15 0.3 0.45 0.6 0.75 0.9 110100 1 10 100 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1 10 100 0 25 50 75 100 125 150 175 0 10 20 30 40 50 60 0.1 1 10 100 1 10 100 0 20 40 60 80 100 0.01 0.1 1 10 100 1,000 fig. 1 - maximum forward current derating curves temperature, c average forward rectified current, amperes fig. 2 - maximum non-repetitive peak forward surge current number of cycles at 60 h z peak forward surge current, amperes fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse leakage characteristics instantaneous forward current, amperes instantaneous reverse leakage current, microamperes instantaneous forward voltage, volts percent of rated peak reverse voltage, % fig. 5 - reverse switching characteristics recovered pp charge/reverse recovery time, nc/ns junction temperature c fig. 6 - typical junction capacitance junction capacitance, pf reverse voltage, volts t j =75 c 8.3ms single half sine-wave (jedec method) t j =100c t j =25c t j =25c pulse width=300 m s 1% duty cycle t j =25c f=1.0 mh z vsig=50mvp-p resistive or inductive load 0.375" (9.5mm) lead length t a , ambient temperature p.c.b. mounted 0.2 x 0.2" (5.0 x 5.0mm) copper pads t j =100c di/dt=20a/ m s di/dt=150a/ m s di/dt=100a/ m s di/dt=50a/ m s di/dt= 150a/ m s di/dt= 20a/ m s di/dt= 50a/ m s di/dt= 100a/ m s i f =0.6a v r =30v t rr q rr t l , lead temperature 50v-200v 0.6a UG06A thru ug06d miniature ultrafast efficient plastic rectifier


▲Up To Search▲   

 
Price & Availability of UG06A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X